Part Number Hot Search : 
PMBT4401 13006 ZMY5V1 PCF8584T NJW1194V 34735 5KP75 STK0100
Product Description
Full Text Search
 

To Download PSMDA15C-8-LF-T13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05084
PSMDA05C-8
thru
PSMDA24C-8
STANDARD CAPACITANCE TVS ARRAY
APPLICATIONS
Multiple I/O Port Protection Board Level Interface Connection RS-232, RS-422 & RS-423 Portable Electronics
IEC COMPATIBILITY (EN61000-4)
61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 12A, 8/20s - Level 1(Line-Gnd) & Level 2(Line-Line)
SO-14
FEATURES
450 Watts Peak Pulse Power per Line (tp=8/20s) Bidirectional Configurations Monolithic Design Design for I/O Protection Available in Voltage Types Ranging From: 5V to 24V Protects Up to Eight(8) Lines ESD Protection > 40 kilovolts RoHS Compliant
MECHANICAL CHARACTERISTICS
Molded JEDEC SO-14 Package Weight 0.15 grams (Approximate) Available in Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270C Consult Factory for Leaded Device Availability Flammability Rating UL 94V-0 16mm Tape and Reel Per EIA Standard 481 Marking: Logo, Part Number, Date Code & Pin One Defined By Dot on Top of Package
PIN CONFIGURATION
14
13
12
11
10
9
8
1
2
3
4
5
6
7
05084.R4 3/07
1
www.protekdevices.com
PSMDA05C-8
thru
PSMDA24C-8
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER
Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature
SYMBOL
PPP TL TSTG
VALUE
450 -55 to 150 -55 to 150
UNITS
Watts C C
ELECTRICAL CHARACTERISTICS PER LINE
PART NUMBER DEVICE MARKING CODE RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE
@ 25C Unless Otherwise Specified
MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 1A VC VOLTS 9.8 19.0 24.0 40.0
MAXIMUM CLAMPING VOLTAGE (See Fig. 2)
MAXIMUM LEAKAGE CURRENT
MAXIMUM CAPACITANCE PER LINE
@ VWM VOLTS PSMDA05C-8 PSMDA12C-8 PSMDA15C-8 PSMDA24C-8 SEB SED SEF SEH 5.0 12.0 15.0 24.0
@ 1mA V(BR) VOLTS 6.0 13.4 16.7 26.7
@8/20s VC @ IPP 15.4V @30A 26.4V @ 17A 32.4V @ 14A 45.0V @ 10A
@VWM ID A 100 1 1 1
@0V, 1 MHz C pF 350 150 120 100
05084.R4 3/07
2
www.protekdevices.com
PSMDA05C-8
thru
PSMDA24C-8
GRAPHS
10,000
PPP - Peak Pulse Power - Watts
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
1,000
450W 8/20s Waveform
100
10 0.1
1
10 100 td - Pulse Duration - s
1,000
10,000
120
IPP - Peak Pulse Current - % of IPP
FIGURE 2 PULSE WAVE FORM
tf Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
100 80 60 40 20 0 0 5
e-t
td = t I /2 PP
10
15 t - Time - s
20
25
30
FIGURE 3 POWER DERATING CURVE
100 80
% Of Rated Power
Peak Pulse Power 8/20s
60
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
05084.R4 3/07
3
www.protekdevices.com
PSMDA05C-8
thru
PSMDA24C-8
SO-14 PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
-A-
SO-14
14
8 -BP
0.010" (0.25 MM) M BM
1
7
7 PL
PACKAGE DIMENSIONS
DIM MILLIMETERS MIN MAX 8.55 3.80 1.35 0.35 0.40 1.27 BSC 0.19 0.10 5.80 0.25 INCHES MIN MAX
DG C R X 45 0 10 -TK
0.010" (0.25 MM) M TBS
J
F
AS
8 PL
A B C D F G J K P R
NOTES 1. 2. 3. 4. 5. 6.
0.386 0.393 10.00 0.150 0.157 4.00 0.054 0.068 1.75 0.014 0.019 0.49 0.016 0.049 1.25 1.27 BSC 0.05 BSC 0.05 BSC 0.008 0.009 0.25 0.004 0.009 0.25 0.229 0.244 6.20 0.019 0.50 0.010
MOUNTING PAD
0.050" TYP 0.030" 0.005"
- T - = Seating Plane and Datum Surface. Dimensions "A" and "B" are Datum. Dimensions "A" and "B" do not include mold protrusions. Maximum mold protrusion is 0.015" (0.380 mm) per side. Dimensioning and tolerances per ANSI Y14.5M, 1982. Dimensions are exclusive of mold flash and metal burrs.
TAPE & REEL/BULK ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 1,000 pieces per 16mm tape, i.e., PSMDA05C-8-T7. 3. Suffix-T13 = 13 Inch Reel - 2,500 pieces per 16mm tape, i.e., PSMDA05C-8-T13. 4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e., PSMDA05C-8-LF-T13. 5. No Suffix = Product Shipped in Tubes of 55 pcs per Tube. Outline & Dimensions: Rev 1 - 11/01, 06006
0.160" 0.005"
0.245" MIN
0.045" 0.005"
COPYRIGHT (c) ProTek Devices 2007 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
www.protekdevices.com
05084.R4 3/07
4


▲Up To Search▲   

 
Price & Availability of PSMDA15C-8-LF-T13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X